データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NM1282KSLAXAL データシート(PDF) 47 Page - Nanya Technology Corporation.

部品番号 NM1282KSLAXAL
部品情報  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NANYA [Nanya Technology Corporation.]
ホームページ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL データシート(HTML) 47 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 43Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 44Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 45Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 46Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 47Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 48Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 49Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 50Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 51Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 120 page
background image
Version 1.3
47
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
(10)RY /
 : termination for the Ready/Busy pin (RY /  )
A pull-up resistor needs to be used for termination because the RY /
 buffer consists of an open drain
circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More