| データシートサーチシステム |
|
MSCBT データシート(PDF) 5 Page - Mixed Signal Integration |
|
|
|||||||||||||||||||||||||||||
MSCBT データシート(HTML) 5 Page - Mixed Signal Integration |
|
5 / 12 page ![]() www.mix-sig.com © 2014 Mixed Signal Integration 5 SSerial IInterface R Registers _______ ADDRESS DATA R/W A4 A3 A2 A1 A0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 1 X X 0 0 0 GATT4 SW2 SW1 SW5 X X -- 1 X X 0 0 1 GAIN0 LIMITER POTVOL X - 1 X X 0 1 0 GATT0 SW3 SLPF GATT1 - 1 X X 0 1 1 SW4 GATT2 CXCSSFILTER - 1 X X 1 0 0 X XXXXATTN TXSUM X X 1 X X 1 0 1 GATT3 XXXXX - 1 X X 1 1 0 ADAC DAC X - 1 X X 1 1 1 0 0 ANALOG TO DIGITAL CONVERTER WRITE (DON’T CARE) - R/W D7 D6 D5 D4 D3 D2 D1 D0 A/D CONVERTER 0 DATA DATA DATA DATA DATA DATA DATA DATA OUTPUT R Register 0 0 ______ ADDRESS DATA R/W A4 A3 A2 A1 A0 D9 D8 D7 D6 GATT4 D5 D4 SWITCH 2 D3 SWITCH 1 D2 SWITCH 5 D1 D0 1 X X 0 0 0 0 0 0 0 -4.0 0 0 RX with DE 0 OFF 0 OFF X X 1 X X 0 0 0 0 0 0 1 -3.5 0 1 RX FLAT 1 ON 1 ON X X 1 X X 0 0 0 0 0 1 0 -3.0 1 0 TX with PE 1 X X 0 0 0 0 0 1 1 -2.5 1 1 TX FLAT 1 X X 0 0 0 0 1 0 0 -2.0 1 X X 0 0 0 0 1 0 1 -1.5 1 X X 0 0 0 0 1 1 0 -1.0 1 X X 0 0 0 0 1 1 1 -0.5 1 X X 0 0 0 1 0 0 0 -0.0 1 X X 0 0 0 1 0 0 1 +0.5 1 X X 0 0 0 1 0 1 0 +1.0 1 X X 0 0 0 1 0 1 1 +1.5 1 X X 0 0 0 1 1 0 0 +2.0 1 X X 0 0 0 1 1 0 1 +2.5 1 X X 0 0 0 1 1 1 0 +3.0 1 X X 0 0 0 1 1 1 1 +3.5 10//2014 Communications Baseband Transceiver Data Sheet |