データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV5342 データシート(PDF) 12 Page - STMicroelectronics

部品番号 STV5342
部品情報  TELETEXT DECODER WITH 4 INTERGATED PAGES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5342 データシート(HTML) 12 Page - STMicroelectronics

Back Button STV5342 Datasheet HTML 8Page - STMicroelectronics STV5342 Datasheet HTML 9Page - STMicroelectronics STV5342 Datasheet HTML 10Page - STMicroelectronics STV5342 Datasheet HTML 11Page - STMicroelectronics STV5342 Datasheet HTML 12Page - STMicroelectronics STV5342 Datasheet HTML 13Page - STMicroelectronics STV5342 Datasheet HTML 14Page - STMicroelectronics STV5342 Datasheet HTML 15Page - STMicroelectronics STV5342 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1
724
8
10
14
this row always free for status
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
ROW
8 scrolling
time characters
24 characters from page header
rolling on page search
Fixed characters
Alphanumerics white
for normal,
green on searc h
7 Status
Characters
MAIN PAGE DISPLAY AREA
14 byte s free
for use by
µC
10 bytes for received
page information
PAGE MEMORY ORGANIZATION
Figure 9
APPLICATION NOTES
ORGANIZATION OF A PAGE-MEMORY
The organization of a page-memory is shown in
Figure 9. The STV5342 chip provides a display
format of 25 rows of 40 characters per row.
Row number twenty-four is used by the microproc-
essor for the display of information.
Row zero contains the page header.
The organization is as follows :
The first seven characters (0 - 6) are used for
messages regarding the operational status.
The eighth character is an alphanumeric control
character either ”white” or ”green” defining the
”search” status of the page. When it is ”white” the
operational state is normal and the header appears
white ; when it is ”green” the operational state
corresponds to ”search mode” and the header
appears green. The following twenty-four charac-
ters give the header of the requested page when
the system is in search mode. The last eight char-
acters display the time of day.
Row twenty-five comprises ten bytes of control
data concerning the received page (see Table 1)
and fourteen free bytes which can be used by the
microprocessor.
STV5342
12/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20