| データシートサーチシステム |
|
IP4001TF データシート(PDF) 8 Page - Interpion semiconductor |
|
|
|||||||||||||||||||||||||||||
IP4001TF データシート(HTML) 8 Page - Interpion semiconductor |
|
8 / 23 page ![]() - 8 - August. 2002 (Rev.7) WWW.INTERPIONSEMI.COM IP4001 5-CH MOTOR DRIVE IC APPLICATION SUMMARY (Continued) - Tray motor drive part CH5 is a forward-reverse control DC motor driver and it is composed of logic control part, level shifter, and output power amp. Pref Switching Logic Level Shift Speed Control R1 R2 R3 R4 R5 20 9 14 15 16 VCC1 50K 50K The forward and reverse rotation is controlled by pin9(fwd), pin14(rev) and the amplitude of the output voltage is controlled by pin20(CTL). The output status due to the input conditions are as follows Fig5. Tray drive part INPUT FWD(PIN9) REV(PIN14) DO5+(PIN15) DO5-(PIN16) STATUS High High Vp Vp Brake High Low High Low Forward Low High Low High Reverse Low Low Vp Vp Brake OUTPUT |