| データシートサーチシステム |
|
2SD1875G-R-T92-K データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SD1875G-R-T92-K データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 2 page ![]() 2SD1857 NPN EPITAXIAL SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 2 www.unisonic.com.tw QW-R201-057,D ABSOLUTE MAXIMUM RATING (T A=25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Collector-base voltage VCBO 120 V Collector-emitter voltage VCEO 120 V Emitter-base voltage VEBO 5 V Collector power dissipation PC 1 W Collector current IC 2 A Collector current ICP 3 A Junction Temperature TJ +150 ℃ Storage Temperature TSTG -40 ~ +150 ℃ Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (T A=25℃) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector-base breakdown voltage BVCBO IC=50µA 120 V Collector-emitter breakdown voltage BVCEO IC=1mA 120 V Emitter-base breakdown voltage BVEBO IE=50µA 5 V Collector cut-off current ICBO VCB=100V 1 µA Emitter cut-off current IEBO VEB=4V 1 µA DC current transfer ratio hFE VCE=5V, IC=0.1A 82 390 Collector-emitter saturation voltage VCE(sat) IC=/IB=1A/0.1A (Note) 0.4 V Transition frequency fT VCE=5V, IE= -0.1A, f=30MHz. 80 MHz Output capacitance Cob VCB=10V, IE=0A, f=1MHz (Note) 20 pF Note: Measured using pulse current. CLASSIFICATION OF hFE RANK P Q R RANGE 82-180 120-270 180-390 UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. Free Datasheet http://www.datasheet-pdf.com/ |