データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS3471 データシート(PDF) 89 Page - Semtech Corporation

部品番号 GS3471
部品情報  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 データシート(HTML) 89 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 85Page - Semtech Corporation GS3471 Datasheet HTML 86Page - Semtech Corporation GS3471 Datasheet HTML 87Page - Semtech Corporation GS3471 Datasheet HTML 88Page - Semtech Corporation GS3471 Datasheet HTML 89Page - Semtech Corporation GS3471 Datasheet HTML 90Page - Semtech Corporation GS3471 Datasheet HTML 91Page - Semtech Corporation GS3471 Datasheet HTML 92Page - Semtech Corporation GS3471 Datasheet HTML 93Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
89 of 179
Semtech
www.semtech.com
4.21.3.8 Audio Mute
When the MUTE[B:A] bits in the host interface are set HIGH, the audio outputs are
muted (all audio sample bits are set to zero). To set all the audio output channels to
mute, set the host interface MUTE_ALL bit HIGH.
Mute On Loss Of Lock
When the GS3471 loses lock (LOCKED signal is LOW), the audio de-embedder sets all
audio outputs LOW (no audio formatting is performed). The ACLK, WCLK, and AMCLK
outputs are also forced LOW.
Table 4-26: Audio Mute Control Bits
Name
Description
Default
MUTEB
Mute Secondary output channels 4 to 1; bits
3:0 = channel 4:1
0 = Normal
1 = Muted
0
MUTEA
Mute Primary output channels 4 to 1; bits 3:0
= channel 4:1
0 = Normal
1 = Muted
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More