データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPM2610-D09 データシート(PDF) 1 Page - Figaro Engineering Inc.

部品番号 LPM2610-D09
部品情報  Pre-calibrated module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FIGARO [Figaro Engineering Inc.]
ホームページ  https://www.figaro.co.jp/en/
Logo FIGARO - Figaro Engineering Inc.

LPM2610-D09 データシート(HTML) 1 Page - Figaro Engineering Inc.

  LPM2610-D09 Datasheet HTML 1Page - Figaro Engineering Inc. LPM2610-D09 Datasheet HTML 2Page - Figaro Engineering Inc. LPM2610-D09 Datasheet HTML 3Page - Figaro Engineering Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
+5V
VC
VOUT
Alarm
signal
LPM2610
1
3
4
5
GAS
2
IC
IH
VREF
VC
VH
R1
R2
TH
Sensor
(TGS
2610)
VR
R3
RL
PRODUCT INFORMATION
Applications:
Features:
LPM2610-D09 - pre-calibrated module for LP Gas
* Residential LP gas alarm
The LPM2610 is a pre-calibrated module for LP gas alarms which is precisely
calibrated in Figaro’s humidity and temperature controlled facility. The module uses
TGS2610-D00 which incorporates a filter to eliminate the influence of interference
gases such as alcohol, resulting in highly selective response to LP gas.
The most important process in manufacturing reliable resdential gas alarms
is adjusting the alarm point. Calibration is a complicated and time consuming
process which also requires a substantial investment in calibration equipment. By
eliminating the costly calibration process, this module enables users to easily and
simply manufacture residential LP gas alarms. Figaro has taken the complexity
out of designing a gas detector circuit by providing users with a temperature
compensation circuit which combines a built-in thermistor and individually adjusted
load resistor together with Figaro’s low power LP gas sensor.
A connector allows easy replacement of the module for the purpose of periodic sensor renewal. This input/output connector
enables easy installation of the module into the gas detectors’ mother board. This same mother board can be used for both
methane and LP gas detectors by simply changing the module.
This module is designed to meet the performance requirements of EN50194 and UL1484.
Please refer to “
Technical Information for TGS2610” for sensor sensitivity characteristics. Refer to “Application Notes for TGS2610”
for further information regarding circuit design.
* Factory calibrated
* Temperature compensation circuit
* Interferent-resistant sensor TGS2610
* Compact size
* Meets RoHS regulations
IMPORTANT NOTE: OPERATING CONDITIONS IN WHICH FIGARO SENSORS ARE USED WILL VARY WITH EACH CUSTOMER’S SPECIFIC APPLICATIONS. FIGARO STRONGLY
RECOMMENDS CONSULTING OUR TECHNICAL STAFF BEFORE DEPLOYING FIGARO SENSORS IN YOUR APPLICATION AND, IN PARTICULAR, WHEN CUSTOMER’S TARGET
GASES ARE NOT LISTED HEREIN. FIGARO CANNOT ASSUME ANY RESPONSIBILITY FOR ANY USE OF ITS SENSORS IN A PRODUCT OR APPLICATION FOR WHICH SENSOR HAS
NOT BEEN SPECIFICALLY TESTED BY FIGARO.
Basic Pin Connection
Circuit Diagram
A regulated voltage of 5V DC should be applied to Pin #1.
A voltage comparator should be connected to Pins #2 and
3. A circuit for detecting breakage of the heater may be
connected to Pin #4 (in which case, Pins #4 and 5 should
be connected separately to the GND).
When the gas sensor module is exposed to a concentration
of target gas which exceeds the desired alarming point,
the value of Vout will reach or exceed the value of VREF,
causing the module to reach the alarm condition.
NOTE:As described in Sec. 2-6 of “
TechnicalInformationfor
TGS2610”, when energizing the sensor after an unpowered
period,thesensor’sresistance(Rs)dropssharplyforthefirst
few seconds after energizing, regardless of the presence
of gases, before recovering to a stable level. This ‘initial
action’ may cause activation of an alarm during the first
few moments of energizing since VRL would exceed Vref.
To prevent unnecessary alarms during sensor warmup,
a circuit modification such as that shown in Sec. 1-7 of
Application Notes for TGS2610” should be used.
VC: Circuit voltage
VH: Heater voltage
VOUT:
Output voltage
VREF: Reference voltage
IC:
Circuit current
IH:
Heater current


同様の部品番号 - LPM2610-D09

メーカー部品番号データシート部品情報
logo
Stackpole Electronics, ...
LPM2220 SEI-LPM2220 Datasheet
561Kb / 8P
Miniature SMD Power Inductor
11/21/2019
LPM2220JTC101-HP SEI-LPM2220JTC101-HP Datasheet
561Kb / 8P
Miniature SMD Power Inductor
11/21/2019
LPM2220JTC102-HP SEI-LPM2220JTC102-HP Datasheet
561Kb / 8P
Miniature SMD Power Inductor
11/21/2019
LPM2220JTC120-HP SEI-LPM2220JTC120-HP Datasheet
561Kb / 8P
Miniature SMD Power Inductor
11/21/2019
LPM2220JTCR12-HP SEI-LPM2220JTCR12-HP Datasheet
561Kb / 8P
Miniature SMD Power Inductor
11/21/2019
More results

同様の説明 - LPM2610-D09

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
L7810 HAMAMATSU-L7810 Datasheet
90Kb / 2P
Calibrated Xenon Light Source
logo
List of Unclassifed Man...
ECG1087 ETC1-ECG1087 Datasheet
123Kb / 3P
GENERAL-PURPOSE PRE-AMPLIFIER MODULE
SHT10 ETC2-SHT10 Datasheet
355Kb / 12P
Fully calibrated
logo
Analog Devices
ADIS16490 AD-ADIS16490 Datasheet
1Mb / 38P
Factory calibrated sensitivity
Rev. 0
logo
Figaro Engineering Inc.
CDM7160-C00 FIGARO-CDM7160-C00 Datasheet
304Kb / 2P
Pre-calibrated CO2 Module
CGM6812-B00 FIGARO-CGM6812-B00 Datasheet
280Kb / 2P
Pre-calibrated module for combustible gas
CMM5042 FIGARO-CMM5042 Datasheet
247Kb / 2P
Pre-calibrated Module for CO Gas
FCM2630-C00 FIGARO-FCM2630-C00 Datasheet
389Kb / 2P
Pre-calibrated Module
NGM2611-E13 FIGARO-NGM2611-E13 Datasheet
438Kb / 3P
Pre-calibrated module
logo
NXP Semiconductors
A3M40PD012 NXP-A3M40PD012 Datasheet
265Kb / 13P
Airfast Pre--driver Module
Rev. 0, 11/2020
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com