データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7406T データシート(PDF) 19 Page - STMicroelectronics

部品番号 TDA7406T
部品情報  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T データシート(HTML) 19 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 15Page - STMicroelectronics TDA7406T Datasheet HTML 16Page - STMicroelectronics TDA7406T Datasheet HTML 17Page - STMicroelectronics TDA7406T Datasheet HTML 18Page - STMicroelectronics TDA7406T Datasheet HTML 19Page - STMicroelectronics TDA7406T Datasheet HTML 20Page - STMicroelectronics TDA7406T Datasheet HTML 21Page - STMicroelectronics TDA7406T Datasheet HTML 22Page - STMicroelectronics TDA7406T Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
19/49
TDA7406T
Figure 16. Output Selector
2.12 Audioprocessor Testing
During the Test Mode, which can be activated by setting bit I2 of the subaddress byte and D0 of the audiopro-
cessor testing byte, several internal signals are available at the Navi pin. During this mode the input resistance
of 100k
Ω is disconnected from the pin. The internal signals available are shown in the Data-byte specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49