データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR26L080A データシート(PDF) 7 Page - Generalplus Technology Inc.

部品番号 GPR26L080A
部品情報  8M-BIT Low Voltage, Serial Mask ROM with 50MHz SPI Bus Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR26L080A データシート(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPR26L080A Datasheet HTML 3Page - Generalplus Technology Inc. GPR26L080A Datasheet HTML 4Page - Generalplus Technology Inc. GPR26L080A Datasheet HTML 5Page - Generalplus Technology Inc. GPR26L080A Datasheet HTML 6Page - Generalplus Technology Inc. GPR26L080A Datasheet HTML 7Page - Generalplus Technology Inc. GPR26L080A Datasheet HTML 8Page - Generalplus Technology Inc. GPR26L080A Datasheet HTML 9Page - Generalplus Technology Inc. GPR26L080A Datasheet HTML 10Page - Generalplus Technology Inc. GPR26L080A Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
GPR26L080A
© Generalplus Technology Inc.
Proprietary & Confidential
7
AUG. 13, 2009
Version: 1.3
8. OPERATING FEATURES
8.1. Active Power, Stand-by Power
When Chip Select (SB) is Low, the device is enabled with current
consumption of ICC2 in the Active Power mode (regardless of
whether or not the clock is toggled). When Chip Select (SB) is
High, the device is disabled, but it remains in the Active Power
mode until all internal cycles are completed.
After that, the
device enters standby mode, dropping the current to ICC1.
8.2. Protection Modes
The environments where non-volatile memory devices are used
can be very noisy. No SPI device can operate correctly in the
presence of excessive noise.
To help combat this, the
GPR26L080A boasts the following data protection mechanisms:
- Power-On Reset and an internal timer (tPUW) can provide
protection against inadvertent changes while the power supply is
outside the operating specification.
8.3. Hold Condition
The Hold (HOLDB) signal is used to pause any serial
communications with the device without resetting the clocking
sequence.
To enter the Hold condition, the device must be selected, with
Chip Select (SB) Low.
The Hold condition starts on the falling edge of the Hold (HOLD)
signal, provided that this coincides with Serial Clock (C) being Low
(as shown in Figure 3).
The Hold condition ends on the rising edge of the Hold (HOLDB)
signal, provided that this coincides with Serial Clock (C) being
Low.
If the falling edge does not coincide with Serial Clock (C) being
Low, the Hold condition starts after Serial Clock (C) next goes Low.
Similarly, if the rising edge does not coincide with Serial Clock (C)
being Low, the Hold condition ends after Serial Clock (C) next
goes Low. (This is shown in Figure 2).
During the Hold condition, the Serial Data Output (Q) is high
impedance, and Serial Data Input (D) and Serial Clock (C) are
Don't Care.
Normally, the device is kept selected, with Chip Select (SB) driven
Low, for the whole duration of the Hold condition. This is to
ensure that the state of the internal logic remains unchanged from
the moment of entering the Hold condition.
If Chip Select (SB) goes High while the device is in the Hold
condition, this has the effect of resetting the internal logic of the
device. To restart communication with the device, it is necessary
to drive Hold (HOLDB) High, and then to drive Chip Select (SB)
Low.
This prevents the device from going back to the Hold
condition.
HOLDB
HOLDB
Figure3. Hold Condition Activation (for data output only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com