| データシートサーチシステム |
|
ESP32 データシート(PDF) 12 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
|
|||||||||||||||||||||||||||||
ESP32 データシート(HTML) 12 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
12 / 60 page ![]() 1. Overview 1.6 Block Diagram Core and memory ROM Cryptographic hardware acceleration AES SHA RSA RTC ULP co-processor Recovery memory PMU Bluetooth link controller Bluetooth baseband Wi-Fi MAC Wi-Fi baseband SPI 2 or 1 x Xtensa® 32- bit LX6 Microprocessors RF receive RF transmit I2C I2S SDIO UART CAN ETH IR PWM Touch sensor DAC ADC Clock generator RNG SRAM Embedded Flash Figure 1: Functional Block Diagram Note: Products in the ESP32 series differ from each other in terms of their support for embedded flash and the number of CPUs they have. For details, please refer to Part Number and Ordering Information. Espressif Systems 5 ESP32 Datasheet V3.0 |