| データシートサーチシステム |
|
SA555 データシート(PDF) 10 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
|
|||||||||||||||||||||||||||||
SA555 データシート(HTML) 10 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
10 / 18 page ![]() NE555,SA555,SE555 PRECISION TIMERS www.artschip.com 10 APPLICATION INFORMATION Sequential timer Many applications, such as computers, require signals for initializing conditions during start-up. Other applications, such as test equipment, require activation of test signals in sequence. These timing circuits can be connected to provide such sequential control. The timers can be used in various combinations of astable or monostable circuit connections, with or without modulation, for extremely flexible waveform control. Figure 22 shows a sequencer circuit with possible applications in many systems, and Figure 23 shows the output waveforms. Pin numbers shown are for the D, JG, P, PS, and PW packages. NOTE A: S closes momentarily at t =0. Figure 22. Sequential Timer Circuit t – Timer – 1 s/div Figure 23. Sequential Timer Waveforms |