| データシートサーチシステム |
|
SC4810DITSTRT データシート(PDF) 2 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC4810DITSTRT データシート(HTML) 2 Page - Semtech Corporation |
|
2 / 24 page ![]() 2 2004 Semtech Corp. www.semtech.com SC4810A/B/C/D/E POWER MANAGEMENT Absolute Maximum Ratings Electrical Characteristics r e t e m a r a Ps n o i t i d n o C t s e Tn i Mp y Tx a Mt i n U n o i t c e S y l p p u S e g a tl o V y l p p u S 5 1V ) y l n o n o i s r e v C ( p m a l C D D VI D D V A m 0 1 =5 . 7 1V I D D V D D , V 5 1 =NO LOAD 5 . 35 . 4A m I D D n w o d t u h SS S= V 00 0 10 5 2A µ n o i t c e S p m a R e g a tl o V d l o h s e r h T p m a l C p m a R 3V ) n o i s r e v D / A ( n o i t c e S O L V U ) 1 ( d l o h s e r h T t r a t S 5V s i s e r e t s y H 5 . 0V ) n o i s r e v E / B ( n o i t c e S O L V U d l o h s e r h T t r a t S 84 . 88 . 8V s i s e r e t s y H 2V ) n o i s r e v C ( n o i t c e S O L V U ) 1 ( d l o h s e r h T t r a t S 2 1V s i s e r e t s y H 4V r e t e m a r a Pl o b m y Sm u m i x a Ms t i n U e g a tl o V y l p p u SV D D 9 1V t n e r r u C y l p p u SI D D 5 2A m P M A R , S C , B F , T C R , X A M D , O L V U L , S S V o t V 3 . 0 - F E R V 3 . 0 +V F E R V t n e r r u CI F E R 5 1A m O L V U L t n e r r u CI O L V U L 1 -A m e g n a R e r u t a r e p m e T e g a r o t ST G T S 0 5 1 + o t 5 6 -C ° e g n a R e r u t a r e p m e T n o it c n u JT J 0 5 1 + o t 0 4 -C ° . c e S 0 1 ) g n ir e d l o S ( e r u t a r e p m e T d a e LT D A E L 0 0 3 +C ° Unless specified: V DD = 12V, CSS = 1nF, FOSC = 420kHz, RT = 10k, CT = 220pF, DMAX = 2V, RDELAY = 75kΩ, TA = TJ = -40ºC to 105ºC Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the Electrical Characteristics section is not implied. |