データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3519 データシート(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM3519
部品情報  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3519 データシート(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3519 Datasheet HTML 6Page - National Semiconductor (TI) LM3519 Datasheet HTML 7Page - National Semiconductor (TI) LM3519 Datasheet HTML 8Page - National Semiconductor (TI) LM3519 Datasheet HTML 9Page - National Semiconductor (TI) LM3519 Datasheet HTML 10Page - National Semiconductor (TI) LM3519 Datasheet HTML 11Page - National Semiconductor (TI) LM3519 Datasheet HTML 12Page - National Semiconductor (TI) LM3519 Datasheet HTML 13Page - National Semiconductor (TI) LM3519 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Application Information (Continued)
I
OUT vs VIN
20160239
LAYOUT GUIDELINES
The input capacitor, C
IN,
must be placed close to the
LM3519. Placing C
IN close to the device will reduce the
metal trace resistance effect on input voltage ripple. Metal
trace connections for the C
OUT capacitor can increase the
effective series resistance, which affects output voltage
ripple and efficiency. Trace connections to the inductor
should be short and wide to reduce power dissipation, in-
crease overall efficiency and reduce EMI radiation. The di-
ode, like the inductor, should have trace connections that are
short and wide to reduce power dissipation and increase
overall efficiency. For more details regarding layout guide-
lines for switching regulators, refer to Applications Note AN-
1149.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14