| データシートサーチシステム |
|
VTR データシート(PDF) 3 Page - Vatronics Technologies Limited |
|
|
|||||||||||||||||||||||||||||
VTR データシート(HTML) 3 Page - Vatronics Technologies Limited |
|
3 / 4 page ![]() tantalum Capacitors,tantalum capacitor,capacitor, capacitors,dipped tantalum capacitors,radial tantalum capacitors Designation Symbol Dimensions(mm) Pitch of component P 12.7±1.0 Feed hole pitch Po 12.7±0.3 Tape Width W +1 18 -0.5 Hold down tape width Wo 12±0.5 Hole position H3 +0.75 9 -0.5 Hold down tape position W2 1.0max Overall component height H1 32.5max Component alignment •P ±1.3max Feed hole diameter D 4.0±0.3 Tape thickness T 0.5±0.2 Component alignment •h 2.0max Length of snipped leads L 11max Lead clinch height H 16±0.5 Lead wire spacing S 2.5±0.5 5±0.7 Feed hole center to wire center P1 5.10±0.5 3.85±0.7 Hole center to component center P2 6.35±0.4 Component height H2 +2 18 -0 Lead diameter D 0.5±0.05 Lead Styles Vatronics Technologies Limited http://www.vatronics.com sales@vatronics.com file:///C|/index/VTR.htm (3 / 4) [2003-12-20 11:43:51] |