| データシートサーチシステム |
|
STV5348D/T データシート(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5348D/T データシート(HTML) 19 Page - STMicroelectronics |
|
19 / 30 page ![]() 19/30 STV5348 - STV5348/H - STV5348/T The basic set of the 96 characters is shown in Ta- ble 17. The location of the 13 national characters are shown in Table 17 whilst full national character sets are depicted in Table 18, 19 and 20. Table 17. Basic character set. 2/0 2/1 2/2 2/3 2/4 2/5 2/6 2/7 2/8 2/9 2/10 2/11 2/12 2/13 2/14 2/15 3/0 3/1 3/2 3/3 3/4 3/5 3/6 3/7 3/8 3/9 3/10 3/11 3/12 3/13 3/14 3/15 4/0 4/1 4/2 4/3 4/4 4/5 4/6 4/7 4/9 4/8 4/10 4/11 4/12 4/13 4/14 4/15 5/0 5/1 5/2 5/3 5/4 5/5 5/6 5/7 5/8 5/9 5/10 5/11 5/12 5/13 5/14 5/15 6/0 6/1 6/2 6/3 6/4 6/5 6/6 6/7 6/8 6/9 6/10 6/11 6/12 6/13 6/14 6/15 7/0 7/1 7/2 7/3 7/4 7/5 7/6 7/7 7/8 7/9 7/10 7/11 7/12 7/13 7/14 7/15 National Character National Character National Character National Character National Character National Character National Character National Character National Character National Character National Character National Character National Character |