| データシートサーチシステム |
|
GD5F2GQ4RFZIH データシート(PDF) 21 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F2GQ4RFZIH データシート(HTML) 21 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
21 / 47 page ![]() SPI(x1/x2/x4) NAND Flash 2G 21 9.8 Read From Cache Quad IO (EBH) The Read from Cache Quad IO command is similar to the Read from Cache x4 command, followed a 12-bit column address for the starting byte address and a dummy byte by SIO0, SIO1, SIO3, SIO4, each bit being latched in during the rising edge of SCLK, then the cache contents are shifted out 4-bit per clock cycle from SIO0, SIO1, SIO2, SIO3. The first byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte of data is shifted out until the end of whole page. The Quad Enable bit (QE) of feature (B0[0]) must be set to enable the read from cache quad IO command. Figure9-7. Read From Cache Quad IO Sequence Diagram Command 0 1 2 3 4 5 6 7 EBH CS# SCLK SI(SIO0) SO(SIO1) 8 9 10 11 12 13 14 15 4 0 4 0 4 0 16 17 18 19 20 21 22 23 4 0 4 0 5 1 5 1 5 1 5 1 5 1 A7-0 6 2 6 2 6 2 6 2 6 2 7 3 7 3 7 3 7 3 7 3 WP#(SIO2) HOLD#(SIO3) 4 5 6 7 Dummy Byte0 Byte1 Dummy, A11-A8 |