| データシートサーチシステム |
|
GD9FS1G8F2AMG データシート(PDF) 5 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD9FS1G8F2AMG データシート(HTML) 5 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
5 / 55 page ![]() GD9Fx1GxF2A 5 2. GENERAL DESCRIPTION GigaDevice GD9Fx1G8F2A and GD9Fx1G6F2A are 1Gbit with spare 64Mbit capacity. A program operation can be performed in typical tPROG on the 2176-byte page and an erase operation can be performed in typical tBERS on a 128K+8K-bytes block. Data in the data page can be read out at tRC cycle time per byte. The I/O pins serve as the ports for address and data input/output as well as command input. The on-chip write controller automates all program and erase functions including pulse repetition, where required, and internal verification and margining of data. GD9Fx1G8F2A and GD9Fx1G6F2A ′s provide extended reliability of 100K program/erase cycles with ECC (Error Correcting Code). 2.1 Product List PART NUMBER ORGANIZATION VCC RANGE PACKAGE GD9FU1G8F2AMG 128M x 8bit 2.7v ~ 3.6v TSOP(I)-48 GD9FU1G6F2AMG 64M x 16bit 2.7v ~ 3.6v TSOP(I)-48 GD9FU1G8F2ALG 128M x 8bit 2.7v ~ 3.6v FBGA-63 GD9FU1G6F2ALG 64M x 16bit 2.7v ~ 3.6v FBGA-63 GD9FU1G8F2ADG 128M x 8bit 2.7v ~ 3.6v FBGA-48 GD9FU1G6F2ADG 64M x 16bit 2.7v ~ 3.6v FBGA-48 GD9FS1G8F2AMG 128M x 8bit 1.7v ~ 1.95v TSOP(I)-48 GD9FS1G6F2AMG 64M x 16bit 1.7v ~ 1.95v TSOP(I)-48 GD9FS1G8F2ALG 128M x 8bit 1.7v ~ 1.95v FBGA-63 GD9FS1G6F2ALG 64M x 16bit 1.7v ~ 1.95v FBGA-63 GD9FS1G8F2ADG 128M x 8bit 1.7v ~ 1.95v FBGA-48 GD9FS1G6F2ADG 64M x 16bit 1.7v ~ 1.95v FBGA-48 |