データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CVIG データシート(PDF) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CVIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CVIG データシート(HTML) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CVIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
49
7.31 Read Security Registers (48H)
The Read Security Registers command is similar to Fast Read command. The command is followed by a 3-byte
address (A23-A0) and a dummy byte, each bit being latched-in during the rising edge of SCLK. Then the memory content,
at that address, is shifted out on SO, each bit being shifted out, at a Max frequency fC, during the falling edge of SCLK. The
first byte addressed can be at any location. The address is automatically incremented to the next higher address after each
byte of data is shifted out. Once the A9-A0 address reaches the last byte of the register (Byte 3FFH), it will reset to 000H,
the command is completed by driving CS# high.
Address
A23-16
A15-12
A11-10
A9-0
Security Register #1
00H
0 0 0 1
0 0
Byte Address
Security Register #2
00H
0 0 1 0
0 0
Byte Address
Security Register #3
00H
0 0 1 1
0 0
Byte Address
Figure33. Read Security Registers command Sequence Diagram
Command
0
1
2
3
4
5
6
7
48H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com