| データシートサーチシステム |
|
GD25LE32D データシート(PDF) 52 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE32D データシート(HTML) 52 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
52 / 72 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE32D 52 7.36 Disable QPI (FFH) To exit the QPI mode and return to Standard/Dual/Quad SPI mode, the “Disable QPI (FFH)” command must be issued. When the device is switched from QPI mode to SPI mode, the existing Write Enable Latch and Program/Erase Suspend status, and the Wrap Length setting will remain unchanged. Figure37. Disable QPI mode command Sequence Diagram CS# SCLK IO0 IO1 IO2 IO3 0 1 Command FFH |