| データシートサーチシステム |
|
GD25LE80CEEG データシート(PDF) 67 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE80CEEG データシート(HTML) 67 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
67 / 68 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE80C 67 11 REVISION HISTORY Version No Description Page Date 1.0 Initial Release All 2017-10-12 1.1 Modify the description of WSON8 and USON8 packages Modify tBP1 from 15-30us to 25-50us P55-58 P47 2017-12-1 1.2 Delete E7H command Modify tVSL min value from 5ms to 1.8ms Modify Icc2 max value from 5uA to 8uA Add tRS, of which the max value is 100us Add WLCSP Package --- P43 P45 P46 P59 2018-4-9 1.3 Add 4BH command Modify the sequence diagram of 42H command Add DC parameters @-40℃~105℃ & @-40℃~125℃ Add AC parameters @-40℃~105℃ & @-40℃~125℃ P35 P37 P47, 51, 52 P48, 53, 54 2018-10-23 1.4 Add tCLQV@15pF, of which the max value is 6ns P49, 51, 53 2019-3-26 |