| データシートサーチシステム |
|
GD25LQ32DVJS データシート(PDF) 51 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LQ32DVJS データシート(HTML) 51 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
51 / 72 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LQ32D 51 7.36. Disable QPI (FFH) To exit the QPI mode and return to Standard/Dual/Quad SPI mode, the “Disable QPI (FFH)” command must be issued. When the device is switched from QPI mode to SPI mode, the existing Write Enable Latch and Program/Erase Suspend status, and the Wrap Length setting will remain unchanged. Figure37. Disable QPI mode command Sequence Diagram CS# SCLK IO0 IO1 IO2 IO3 0 1 Command FFH |