| データシートサーチシステム |
|
GD25LE20CSEG データシート(PDF) 72 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE20CSEG データシート(HTML) 72 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
72 / 75 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE40C/20C/10C/05C 72 10.8 Package USON8 (4*4mm, 0.45mm thickness) D E Top View D1 E1 L b e Bottom View c A1 A Side View PIN 1# 1 4 8 5 Dimensions Symbol A A1 c b D D1 E E1 e L Unit mm Min 0.40 0.00 0.10 0.25 3.90 2.20 3.90 2.90 0.80 0.35 Nom 0.45 0.02 0.15 0.30 4.00 2.30 4.00 3.00 0.40 Max 0.50 0.05 0.20 0.35 4.10 2.40 4.10 3.10 0.45 Note: 1. Both the package length and width do not include the mold flash. 2. The exposed metal pad area on the bottom of the package is floating. 3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm. 4. The lead shape may be of little difference according to different package factories. These lead shapes are compatible with each other. |