| データシートサーチシステム |
|
SH7269 データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7269 データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 26 page ![]() SH7268/SH7269 Group Transmission/Reception of Renesas SPDIF Interface 6.8.8 Interrupt Function of RSPDIF Figure 6.10 shows the Interrupt Function of RSPDIF. io_rspdif_isr Read interrupt status and identify valid bit return Obtain interrupt status information allowed by CTRL register from STAT register Dummy read STAT register and secure the time for flag clear No Other interrupt sources Transmitter user info. empty (TUIR=1) Secure time for clearing interrupt source flag Receiver user info. full (RUIR=1) Transmitter channel status empty (CSTX=1) Receiver channel status full (CSRX=1) Transmission error valid or invalid? Error occurred? Valid (TEIE=1) Invalid (TEIE=0) Clear TME bit and TDE bit of CTRL register Restart SPDIF transmission io_spdout_start Stop operation and DMA transfer of transmitter module Clear error flag Yes Write channel status info. to data register Clear update notification (NCSI bit) Read channel status info. from data register No Receive error valid or invalid? Error occurred? Valid (REIE=1) Invalid (REIE=0) Clear RME bit and RDE bit of CTRL register Dummy read STAT register and wait until flag is cleared after clearing RME bit and RDE bit of CTRL register Restart SPDIF reception io_spdin_start Stop operation and DMA transfer of receiver module Clear error flag Yes Dummy read STAT register and wait until flag is cleared after clearing TME bit and TDE bit of CTRL register Yes (register full) Empty flag negated? Write user info. (4-byte) to data register Wait for maximum one frame Read user info. (4-byte) from data register No (flag kept empty) Figure 6.10 Interrupt Function of RSPDIF R01AN1188EJ0100 Rev.1.00 Page 21 of 23 Jul. 27, 2012 |