| データシートサーチシステム |
|
DSPC01 データシート(PDF) 4 Page - Dorji Industrial Group Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
DSPC01 データシート(HTML) 4 Page - Dorji Industrial Group Co.,Ltd |
|
4 / 8 page ![]() DSPC01 Revision 1.21 Page of 8 April. 2014 4 Command Function Returned Value Explanation A0 Read altitude value 0x XX XX XX Signed value; one decimal fraction Table 4 DSPC01 Altitude Mode 3. Pressure Mode The host sends command (0xB0) to DSPC01 and the module will return 3 bytes of Hex data representing pressure value (300hpa ~1100hpa) which should be transferred to decimal value. Command Function Returned Value Explanation B0 Read pressure value 0x XX XX XX No decimal fraction Table 5 DSPC01 Pressure Mode 4. Patten Mode The host sends command (0xB3) to DSPC01 and the module will return one bytes of data representing the weather trend. Command Function Returned Value Explanation B3 Read pressure value 0x XX 1 Sunny; 2 Cloudy; 3 Rainy Table 6 DSPC01 Patten Mode 5. Compass Mode The host sends command (0xC0) to DSPC01 and the module will return two bytes of unsigned data (0~359). In order to get the accurate direction, the compass should be calibrated for the first use. After sending command (0Xe0) users should rotate the DSPC01 module horizontally for at least 2 times and each circle should last at least 3 seconds. The DSPC01 module will quit the calibration mode after 10 seconds. Command Function Returned Value Explanation C0 Read compass value 0x XX XX Unsigned value, no fraction E0 Calibration mode --- Calibrating the compass Table 7 DSPC01 Compass Mode 6. Temperature Mode The host sends command (0x80) to DSPC01 and the module will return 2 bytes of Hex data. The MSB of first byte is symbol bit so the temperature might be negative. The remaining 15 |