| データシートサーチシステム |
|
DWM1001-DEV データシート(PDF) 10 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DWM1001-DEV データシート(HTML) 10 Page - List of Unclassifed Manufacturers |
|
10 / 15 page ![]() DWM1001 Module Development Board Datasheet © Decawave Ltd 2017 Subject to change without notice Version 1.3 Page 10 5 ON BOARD J-LINK The processor on the Module Development Board provides USB to SWD (Serial Wire Debug) conversion to allow programming and debug of software on the DWM1001 module. Figure 11 below shows the relevant sections on the Module Development Board. Serial Wire Debug is a replacement for the more traditional 5-pin JTAG port. It uses a clock (SWDCLK) and a Single bi-directional data pin (SWDIO), providing all the normal JTAG debug and test functionality. SWDIO and SWCLK are overlaid on the TMS and TCK pins. In order to communicate with a SWD device, J-Link sends out data on SWDIO, synchronous to the SWCLK. With every rising edge of SWCLK, one bit of data is transmitted or received on the SWDIO. The data read from SWDIO can then be retrieved from the input buffer. Figure 11: Module Development Board J-Link components |