| データシートサーチシステム |
|
MT7697D データシート(PDF) 53 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MT7697D データシート(HTML) 53 Page - List of Unclassifed Manufacturers |
|
53 / 84 page ![]() MT7697D Internet-of-Things Wireless Connectivity © 2016 MediaTek Inc. Page 53 of 84 This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s). Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited. IRQ No. Interrupt source Power domain /subsystem External interrupt Wake-up capability (1) De- bounce Description INT8 EINT TOP_AON/MCUSYS External interrupt INT9 (Reserved) INT10 WDT_N9 TOP_AON/MCUSYS Watch dog timer in N9 subsystem INT11 AHB_MONITOR TOP_OFF(N9)/MCUSY S AHB monitor INT12 (Reserved) INT13 PLC_ACCLR TOP_OFF(N9)/MCUSY S Packet Loss Concealment accelerator INT14 (Reserved) INT15 PSE WF_OFF/PSE Packet switch engine INT16 MSBC TOP_OFF(N9)/MCUSY S Bluetooth SBC CODEC accelerator INT17 HIFSYS TOP_OFF(N9)/HIFSYS HIF subsystem INT18 UART_PTA * TOP_OFF(N9)/MCUSY S UART_PTA module INT19 PTA * TOP_OFF(N9)/MCUSY S PTA module INT20 CMBT TOP_OFF(N9) Command batch module INT21 GPT3 TOP_AON/MCUSYS General purpose timer module INT22 WDT_CM4 TOP_AON/MCUSYS_C M4 CM4 WDT interrupt N9 EINT0 UART_RX TOP_AON V V Available Wake up from UART EINT1 (Reserved) V V Available EINT2 HIFSYS TOP_AON/HIF V V Available WIFI_HIF (SDIO) EINT3 CM4_TO_N9_S W TOP_AON/MCUSYS_C M4 V V Available CM4 SW interrupt N9 83080080[31:30] SW_INT EINT4 Bluetooth TOP_AON/BTSYS V V Available Wake up from Bluetooth EINT5 PCIE * TOP_OFF(N9)/HIFSYS V V Available Wake up from PCIe EINT6 GPT TOP_AON/MCUSYS V V Available General purpose timer module (GPT0 timer and GPT1 timer) EINT7 External interrupt TOP_AON V V Available External interrupt Pin: GPIO58 EINT8 External interrupt TOP_AON V V Available External interrupt Pin: GPIO57 EINT9 External interrupt TOP_AON V V Available External interrupt Pin: GPIO30 EINT10 (Reserved) V V Available EINT11 External interrupt TOP_AON V V Available External interrupt Pin: GPIO38 EINT12 External interrupt TOP_AON V V Available External interrupt Pin: GPIO39 EINT13 CM4_TO_N9_B TIF_WAKEUP TOP_AON V V Available CM4 to N9 BTIF wake-up 830E0064[0] BTIF_WAK *: Not used for MT7697D Note 1; Capable to wake up N9 when N9 is in sleep mode. |