| データシートサーチシステム |
|
MT7697DIN データシート(PDF) 52 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MT7697DIN データシート(HTML) 52 Page - List of Unclassifed Manufacturers |
|
52 / 84 page ![]() MT7697D Internet-of-Things Wireless Connectivity © 2016 MediaTek Inc. Page 52 of 84 This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s). Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited. 2.6.5 CIRQ N9 subsystem uses the interrupt controller CIRQ to control the source selection, mask, edge/level sensitivity, and software enabling for internal interrupts, as well as the mask and the edge/level sensitivity for external interrupts. CIRQ also integrates the de-bounce circuit for external interrupts. FIQ control IRQ contro Interrupt select Control register External interrupt control De-bounce De-bounce De-bounce Figure 2-22. N9 interrupt controller 2.6.5.1 Interrupt sources The tables below lists the interrupt sources of internal and external interrupts. There are totally 23 interrupts and 14 external interrupts. The power domain/subsystem lists the power domain and the subsystem from which the interrupt is generated. IRQ No. Interrupt source Power domain /subsystem External interrupt Wake-up capability (1) De- bounce Description INT0 UART TOP_OFF(N9)/MCUSY S UART/BTIF module INT1 DMA TOP_OFF(N9)/MCUSY S Generic DMA in N9 subsystem INT2 HIFSYS TOP_AON/HIF WIFI_HIF(SDIO) INT3 BT_TIMCON TOP_AON/BTSYS Bluetooth TIMCON module INT4 THERM TOP_OFF(N9) Thermometer INT5 (Reserved) INT6 WIFI WF_OFF Wi-Fi subsystem INT7 ICAP TOP_OFF(N9)/MCUSY S Internal capture in RBIST module |