| データシートサーチシステム |
|
GD25LQ256DFES データシート(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LQ256DFES データシート(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
19 / 85 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LQ256D 19 7.2. Disable 4-byte Mode (E9H) The Disable 4-byte Mode command is executed to exit the 4-byte address mode and return to the default 3-byte address mode. After sending the Disable 4-byte Mode command, the EN4B bit (S11) will be clear to be 0 to indicate the 4- byte address mode has been disabled, and then the address length will return to 24-bit. Figure3. Disable 4-byte Mode Sequence Diagram Command 0 1 2 3 4 5 6 7 E9H CS# SCLK SI Figure3a. Disable 4-byte Mode Sequence Diagram (QPI) CS# SCLK IO0 IO1 IO2 IO3 0 1 Command E9H |