| データシートサーチシステム |
|
74FST3245DT データシート(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74FST3245DT データシート(HTML) 5 Page - ON Semiconductor |
|
5 / 8 page ![]() 74FST3245 http://onsemi.com 5 PACKAGE DIMENSIONS SO–20 DW SUFFIX CASE 751D–05 ISSUE F 20 1 11 10 B 20X C 18X A1 A SEATING PLANE q E D M 0.25 S A S B T e T B A DIM MIN MAX MILLIMETERS A 2.35 2.65 A1 0.10 0.25 B 0.35 0.49 C 0.23 0.32 D 12.65 12.95 E 7.40 7.60 e 1.27 BSC H 10.05 10.55 h 0.25 0.75 L 0.50 0.90 q 0 7 NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF B DIMENSION AT MAXIMUM MATERIAL CONDITION. __ |