| データシートサーチシステム |
|
CS4344 データシート(PDF) 4 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4344 データシート(HTML) 4 Page - Cirrus Logic |
|
4 / 23 page ![]() CS4344/5/6/8 4 DS613PP2 1.PIN DESCRIPTIONS Pin Name # Pin Description SDIN 1 Serial Audio Data Input (Input) - Input for two’s complement serial audio data. DEM/SCLK 2 De-Emphasis/External Serial Clock Input (Input) - used for de-emphasis filter control or external serial clock input. LRCK 3 Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial audio data line. MCLK 4 Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters. VQ 5 Quiescent Voltage (Output) - Filter connection for internal quiescent voltage. FILT+ 6 Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits. AOUTL 7 Left Channel Analog Output (Output) - The full scale analog output level is specified in the Analog Characteristics specification table. GND 8 Ground (Input) - ground reference. VA 9 Analog Power (Input) - Positive power for the analog and digital sections. AOUTR 10 Right Channel Analog Output (Output) - The full scale analog output level is specified in the Analog Characteristics specification table. SDIN AOUTR DEM/SCLK VA LRCK GND MCLK AOUTL VQ FILT+ 1 2 3 4 5 6 7 8 9 10 |