| データシートサーチシステム |
|
STR730FZ1H7 データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR730FZ1H7 データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 22 page ![]() STR73xF Data Brief 13/22 Legend / Abbreviations for Table 3: Type: I = input, O = output, S = supply, HiZ= high impedance, In/Output level: TT= TTL 0.8V / 2V with input trigger CT= CMOS 0.3VDD/0.7VDD with input trigger Port and control configuration: – Input: pu/pd = with internal 100k Ω weak pull-up or pull down – Output: OD = open drain (logic level) PP = push-pull Interrupts: INTx =external interrupt line WUPx =Wake-Up interrupt line The reset state of the I/O ports is input floating. To avoid excess power consumption, unused I/O ports must be tied to ground. Table 3. STR73xF Pin Description Pin n° Pin Name Input Output Main function (after reset) Alternate function 1 A1 1 P0.0/OCMPB2 I/O TT 2mA X X Port 0.0 TIM2: Output Compare B output 2 B2 2 P0.1/OCMPA2 I/O TT 2mA X X Port 0.1 TIM2: Output Compare A output 3 C2 3 P0.2/ICAPA2 I/O TT 2mA X X Port 0.2 TIM2: Input Capture A input 4 C3 4 P0.3/ICAPB2 I/O TT 2mA X X Port 0.3 TIM2: Input Capture B input 5D1 VSS S Ground for digital I/O (5V) 6D2 VDD S Supply voltage for digital I/O (5V) 7 B1 5 P0.4/OCMPA5 I/O TT 2mA X X Port 0.4 TIM5: Output Compare A output 8 C1 6 P0.5/OCMPB5 I/O TT 2mA X X Port 0.5 TIM5: Output Compare B output 9 D3 7 P0.6/ICAPA5 I/O TT 2mA X X Port 0.6 TIM5: Input Capture A input 10 D4 P0.7/ICAPB5 I/O TT 2mA X X Port 0.7 TIM5: Input Capture B input 11 E1 P0.8/OCMPA6 I/O TT 2mA X X Port 0.8 TIM6: Output Compare A output 12 E2 P0.9/OCMPB6 I/O TT 2mA X X Port 0.9 TIM6: Output Compare B output 13 E3 P0.10/OCMPA7 I/O TT 2mA X X Port 0.10 TIM7: Output Compare A output 14 E4 P0.11/OCMPB7 I/O TT 2mA X X Port 0.11 TIM7: Output Compare B output 15 F1 8 VDD S Supply voltage for digital I/O (5V) 16 G1 9 VSS S Ground for digital I/O (5V) 17 E5 10 P0.12/ICAPA3 I/O TT 2mA X X Port 0.12 TIM3: Input Capture A input 18 F2 11 P0.13/ICAPB3 I/O TT 2mA X X Port 0.13 TIM3: Input Capture B input 19 F3 12 P0.14/OCMPB3 I/O TT 2mA X X Port 0.14 TIM3: Output Compare B output |