データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25VE20C データシート(PDF) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25VE20C
部品情報  Uniform Sector Dual and Quad Serial Flash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE20C データシート(HTML) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE20C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE20C
34
Figure31. Program/Erase Resume Sequence Diagram
7.27.
Erase Security Registers (44H)
The GD25VE20C provides four 256-byte Security Registers which can be read and programmed individually. These
registers may be used by the system manufacturers to store security and other important information separately from the
main memory array.
The Erase Security Registers command is similar to Sector/Block Erase command. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit.
The Erase Security Registers command sequence: CS# goes low  sending Erase Security Registers command 
3-byte address on SI CS# goes high. The command sequence is shown in Figure32. CS# must be driven high after the
eighth bit of the last address byte has been latched in, otherwise the Erase Security Registers command is not executed.
As soon as CS# is driven high, the self-timed Erase Security Registers cycle (whose duration is tSE) is initiated. While the
Erase Security Registers cycle is in progress, the Status Register may be read to check the value of the Write In Progress
(WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Erase Security Registers cycle, and is 0 when it is
completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. The Security
Registers Lock Bit (LB) in the Status Register can be used to OTP protect the security registers. Once the LB bit is set to 1,
the Security Registers will be permanently locked; the Erase Security Registers command will be ignored.
Address
A23-A16
A15-A8
A7-A0
Security Registers
00000000
00000000
Don’t Care
Figure32. Erase Security Registers command Sequence Diagram
7.28.
Program Security Registers (42H)
The Program Security Registers command is similar to the Page Program command. Each security register contains
one pages content. A Write Enable (WREN) command must previously have been executed to set the Write Enable Latch
(WEL) bit before sending the Program Security Registers command. The Program Security Registers command is entered
by driving CS# Low, followed by the command code (42H), three address bytes and at least one data byte on SI. As soon
Command
0
1
2
3
4
5
6
7
44H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
24 Bits Address
23 22
Command
0
1
2
3
4
5
6
7
7AH
CS#
SCLK
SI
SO
Resume Erase/Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com