| データシートサーチシステム |
|
GD25VE20CSIG データシート(PDF) 9 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VE20CSIG データシート(HTML) 9 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
9 / 55 page ![]() Uniform Sector Dual and Quad Serial Flash GD25VE20C 9 5. DATA PROTECTION The GD25VE20C provide the following data protection methods: ◆ Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL bit will return to reset by the following situation: -Power-Up -Write Disable (WRDI) -Write Status Register (WRSR) -Page Program (PP) -Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE) -Software reset (66H+99H) ◆ Software Protection Mode: The Block Protect (BP4, BP3, BP2, BP1, and BP0) bits define the section of the memory array that can be read but not change. ◆ Hardware Protection Mode: WP# goes low to protect the BP0~BP4 bits and SRP0~1 bits. ◆ Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the Release from Deep Power-Down Mode command and reset command (66H+99H). Table1.0 GD25VE20C Protected area size (CMP=0) Status Register Content Memory Content BP4 BP3 BP2 BP1 BP0 Blocks Addresses Density Portion 0 X X 0 0 NONE NONE NONE NONE 0 0 X 0 1 3 030000H-03FFFFH 64KB Upper 1/4 0 0 X 1 0 2 and 3 020000H-03FFFFH 128KB Upper 1/2 0 1 X 0 1 0 000000H-00FFFFH 64KB Lower 1/4 0 1 X 1 0 0 and 1 000000H-01FFFFH 128KB Lower 1/2 0 X X 1 1 0 to 3 000000H-03FFFFH 256KB ALL 1 X 0 0 0 NONE NONE NONE NONE 1 0 0 0 1 3 03F000H-03FFFFH 4KB Upper 1/64 1 0 0 1 0 3 03E000H-03FFFFH 8KB Upper 1/32 1 0 0 1 1 3 03C000H-03FFFFH 16KB Upper 1/16 1 0 1 0 X 3 038000H-03FFFFH 32KB Upper 1/8 1 0 1 1 0 3 038000H-03FFFFH 32KB Upper 1/8 1 1 0 0 1 0 000000H-000FFFH 4KB Lower 1/64 1 1 0 1 0 0 000000H-001FFFH 8KB Lower 1/32 1 1 0 1 1 0 000000H-003FFFH 16KB Lower 1/16 1 1 1 0 X 0 000000H-007FFFH 32KB Lower 1/8 1 1 1 1 0 0 000000H-007FFFH 32KB Lower 1/8 1 X 1 1 1 0 to 3 000000H-03FFFFH 256KB ALL |