| データシートサーチシステム |
|
GD25VQ20CSIG データシート(PDF) 5 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VQ20CSIG データシート(HTML) 5 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
5 / 56 page ![]() Uniform Sector Dual and Quad Serial Flash GD25VQ20C 5 2. GENERAL DESCRIPTION The GD25VQ20C (2M-bit) Serial flash supports the standard Serial Peripheral Interface (SPI), and supports the Dual/Quad SPI: Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO), I/O2 (WP#), and I/O3 (HOLD#). The Dual I/O data is transferred with speed of 208Mbits/s and the Quad I/O & Quad output data is transferred with speed of 416Mbits/s. CONNECTION DIAGRAM CS# SO/ IO1 WP#/ IO2 VSS Top View VCC HOLD#/ IO3 SCLK SI/ IO0 8–LEAD VSOP/SOP 1 2 3 4 5 6 7 8 Top View 8–LEAD WSON/USON 1 2 3 4 5 6 7 8 CS# SO/ IO1 WP#/ IO2 VSS VCC HOLD#/ IO3 SCLK SI/ IO0 PIN DESCRIPTION Pin Name I/O Description CS# I Chip Select Input SO (IO1) I/O Data Output (Data Input Output 1) WP# (IO2) I/O Write Protect Input (Data Input Output 2) VSS Ground SI (IO0) I/O Data Input (Data Input Output 0) SCLK I Serial Clock Input HOLD# (IO3) I/O Hold Input (Data Input Output 3) VCC Power Supply Note: CS# must be driven high if chip is not selected. Please don’t leave CS# floating any time after power is on. |