| データシートサーチシステム |
|
GD25WD80CSEG データシート(PDF) 24 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25WD80CSEG データシート(HTML) 24 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
24 / 47 page ![]() Uniform Sector Standard and Dual Serial Flash GD25WD80C 24 7.17. Read Unique ID (4BH) The Read Unique ID command accesses a factory-set read-only 128bit number that is unique to each device. The Unique ID can be used in conjunction with user software methods to help prevent copying or cloning of a system. The Read Unique ID command sequence: CS# goes low sending Read Unique ID command 3-Byte Address (000000H) Dummy Byte128bit Unique ID Out CS# goes high. Figure18. Read Unique ID Sequence Diagram Command 0 1 2 3 4 5 6 7 4BH CS# SCLK SI SO High-Z 8 9 10 28 29 30 31 3 2 1 0 23 22 21 24-bit address MSB 34 35 36 37 33 6 5 4 3 2 1 0 38 39 Data Out1 32 42 43 44 45 41 46 47 40 7 6 5 4 3 2 1 0 7 6 5 7 Data Out2 CS# SCLK SI SO MSB Dummy Byte |