| データシートサーチシステム |
|
GD25VQ127CPFS データシート(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VQ127CPFS データシート(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
10 / 62 page ![]() Uniform Sector Dual and Quad Serial Flash GD25VQ127C 10 5. DATA PROTECTION The GD25VQ127Cprovide the following data protection methods: ◆ Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL bit will return to reset by the following situation: -Power-Up -Write Disable (WRDI) -Write Status Register (WRSR) -Page Program (PP) -Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE) ◆ Software Protection Mode: -The Block Protect (BP4, BP3, BP2, BP1, and BP0) bits define the section of the memory array that can be read but not change. ◆ Hardware Protection Mode: WP# goes low to protect the writable bit of Status Register. ◆ Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the Release from Deep Power-Down Mode command and reset command (66H+99H). Table 5.1. GD25VQ127C Protected area size (CMP=0) Status Register Content Memory Content BP4 BP3 BP2 BP1 BP0 Blocks Addresses Density Portion X X 0 0 0 NONE NONE NONE NONE 0 0 0 0 1 252 to 255 FC0000H-FFFFFFH 256KB Upper 1/64 0 0 0 1 0 248 to 255 F80000H-FFFFFFH 512KB Upper 1/32 0 0 0 1 1 240 to 255 F00000H-FFFFFFH 1MB Upper 1/16 0 0 1 0 0 224 to 255 E00000H-FFFFFFH 2MB Upper 1/8 0 0 1 0 1 192 to 255 C00000H-FFFFFFH 4MB Upper 1/4 0 0 1 1 0 128 to 255 800000H-FFFFFFH 8MB Upper 1/2 0 1 0 0 1 0 to 3 000000H-03FFFFH 256KB Lower 1/64 0 1 0 1 0 0 to 7 000000H-07FFFFH 512KB Lower 1/32 0 1 0 1 1 0 to 15 000000H-0FFFFFH 1MB Lower 1/16 0 1 1 0 0 0 to 31 000000H-1FFFFFH 2MB Lower 1/8 0 1 1 0 1 0 to 63 000000H-3FFFFFH 4MB Lower 1/4 0 1 1 1 0 0 to 127 000000H-7FFFFFH 8MB Lower 1/2 X X 1 1 1 0 to 255 000000H-FFFFFFH 16MB ALL 1 0 0 0 1 255 FFF000H-FFFFFFH 4KB Top Block 1 0 0 1 0 255 FFE000H-FFFFFFH 8KB Top Block 1 0 0 1 1 255 FFC000H-FFFFFFH 16KB Top Block 1 0 1 0 X 255 FF8000H-FFFFFFH 32KB Top Block 1 0 1 1 0 255 FF8000H-FFFFFFH 32KB Top Block 1 1 0 0 1 0 000000H-000FFFH 4KB Bottom Block 1 1 0 1 0 0 000000H-001FFFH 8KB Bottom Block 1 1 0 1 1 0 000000H-003FFFH 16KB Bottom Block 1 1 1 0 X 0 000000H-007FFFH 32KB Bottom Block |