データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE9850/2F-10 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE9850/2F-10
部品情報  Gain Horns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9850/2F-10 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9850/2F-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9850/2F-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9850/2F-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
.
Configuration
Design
WR-28 Standard Gain Horn
Pattern
Directional
Polarization
Linear
Coaxial Interface
2.92mm Female
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
26.5
40
GHz
Impedance
50
Ohms
Waveguide Standard Gain Horn
Gain
10
dB
Horizontal Half Power Beam Width
54.4
Degrees
Vertical Half Power Beam Width
54.2
Degrees
Waveguide to Coaxial Adapter
Input VSWR
1.25:1
.
Mechanical Specifications
Size
.
Weight
0.037 lbs [16.78 g]
RF Connector
Type
2.92mm Female
Waveguide Interface
Waveguide Size
WR-28
Environmental Specifications
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
2 Dimensional OML Drawing
PE9850/2F-10
Notes:
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 Waveguide Standard Gain Horn Antenna Operating From 26.5 GHz to 40 GHz With a
Nominal 10 dB Gain 2.92mm Female Input PE9850/2F-10
PE9850/2F-10 REV 1.2
WR-28 Waveguide Standard Gain Horn Antenna
Operating From 26.5 GHz to 40 GHz With a
Nominal 10 dB Gain 2.92mm Female Input
Gain Horns with Waveguide to Coax Adapters Tech-
PE9850/2F-10


同様の部品番号 - PE9850/2F-10

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE9850/2F-15 PASTERNACK-PE9850/2F-15 Datasheet
480Kb / 3P
Gain Horns
More results

同様の説明 - PE9850/2F-10

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE9850-2F-20 PASTERNACK-PE9850-2F-20_17 Datasheet
469Kb / 3P
Gain Horns
PE9851-2F-10 PASTERNACK-PE9851-2F-10_17 Datasheet
482Kb / 3P
Gain Horns
PE9851-10 PASTERNACK-PE9851-10_18 Datasheet
573Kb / 3P
Gain Horns
PEWAN1065 PASTERNACK-PEWAN1065 Datasheet
565Kb / 4P
Gain Horns
PEWAN1066 PASTERNACK-PEWAN1066 Datasheet
564Kb / 4P
Gain Horns
PEWAN1070 PASTERNACK-PEWAN1070 Datasheet
579Kb / 4P
Gain Horns
PEWAN1072 PASTERNACK-PEWAN1072 Datasheet
583Kb / 4P
Gain Horns
PEWAN1075 PASTERNACK-PEWAN1075 Datasheet
563Kb / 4P
Gain Horns
PEWAN1076 PASTERNACK-PEWAN1076 Datasheet
572Kb / 4P
Gain Horns
PEWAN1077 PASTERNACK-PEWAN1077 Datasheet
575Kb / 4P
Gain Horns
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com