データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE9850/2F-20 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE9850/2F-20
部品情報  Gain Horns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9850/2F-20 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9850/2F-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9850/2F-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9850/2F-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Features
• Rectangular Waveguide Interface
• 26.5 GHz to 40 GHz
• 15 dBi Nominal Gain
• UG-599/U Square Cover Flange
Applications
• Antenna Measurements
• Wireless Communication
• Laboratory Use
• Microwave Radio Systems
.
Description
Pasternack’s PE9850-15 WR-28 waveguide standard gain horn antenna operating from 26.5 GHz to 40 GHz with a nominal
15 dBi gain is part of our full line of RF components available for same-day shipping. This Pasternack pyramidal horn antenna
has a lightweight anodized aluminum body and a precision tolerance UG-599/U square cover flange. The PE9850-15 WR-28
waveguide standard gain horn antenna offers low gain variation across its operating frequency range and 32.1 degrees of half
power beam width.
Waveguide standard gain horn antennas are used in a wide variety of applications due to their high power handling capability,
low loss, high directivity, and near constant electrical performance across a broad bandwidth. Pasternack’s WR-28 standard
gain horns are available in 10, 15 and 20 dB models with pyramidal shape and rectangular waveguide input.
Configuration
Design
WR-28 Standard Gain Horn
Pattern
Directional
Polarization
Linear
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
26.5
40
GHz
Nominal Gain
15
dBi
Horizontal Half Power Beam Width
31.3
Degrees
Vertical Half Power Beam Width
32.1
Degrees
.
Electrical Specification Notes:
Half power beam width is calculated by computer simulation.
Mechanical Specifications
Size
Length
1.87 in [47.5 mm]
Width
0.835 in [21.21 mm]
Height
0.75 in [19.05 mm]
.
Weight
0.0308 lbs [13.97 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 Waveguide Standard Gain Horn Antenna Operating From 26.5 GHz to 40 GHz With a
Nominal 15 dBi Gain With UG-599/U Square Cover Flange PE9850-15
PE9850-15 REV 1.2
WR-28 Waveguide Standard Gain Horn Antenna
Operating From 26.5 GHz to 40 GHz With a Nominal
15 dBi Gain With UG-599/U Square Cover Flange
Gain Horns Technical Data Sheet
PE9850-15


同様の部品番号 - PE9850/2F-20

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE9850/2F-10 PASTERNACK-PE9850/2F-10 Datasheet
478Kb / 3P
Gain Horns
PE9850/2F-15 PASTERNACK-PE9850/2F-15 Datasheet
480Kb / 3P
Gain Horns
More results

同様の説明 - PE9850/2F-20

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE9850-2F-10 PASTERNACK-PE9850-2F-10_17 Datasheet
478Kb / 3P
Gain Horns
PE9850-2F-20 PASTERNACK-PE9850-2F-20_17 Datasheet
469Kb / 3P
Gain Horns
PE9851-2F-10 PASTERNACK-PE9851-2F-10_17 Datasheet
482Kb / 3P
Gain Horns
PE9851-10 PASTERNACK-PE9851-10_18 Datasheet
573Kb / 3P
Gain Horns
PEWAN1065 PASTERNACK-PEWAN1065 Datasheet
565Kb / 4P
Gain Horns
PEWAN1066 PASTERNACK-PEWAN1066 Datasheet
564Kb / 4P
Gain Horns
PEWAN1070 PASTERNACK-PEWAN1070 Datasheet
579Kb / 4P
Gain Horns
PEWAN1072 PASTERNACK-PEWAN1072 Datasheet
583Kb / 4P
Gain Horns
PEWAN1076 PASTERNACK-PEWAN1076 Datasheet
572Kb / 4P
Gain Horns
PEWAN1077 PASTERNACK-PEWAN1077 Datasheet
575Kb / 4P
Gain Horns
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com