| データシートサーチシステム |
|
TSH300ILT データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH300ILT データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 18 page ![]() Electrical Characteristics TSH300 5/18 Figure 1. Frequency response G=+5, SO8 Figure 2. Frequency response G=+7.8, SO8 Figure 3. Frequency response G=+10.2, SO8 Figure 4. Frequency response G=+19.9, SO8 Figure 5. Frequency response G=-5, SO8 Figure 6. Frequency response G=-7.8, SO8 100k 1M 10M 100M 1G -5 0 5 10 15 20 Vcc=+5V SO8 Gain=+5 (Rfb=200 Ω/Rg=50Ω) Vin=64mVp-p Load=100 Ω Frequency (Hz) 100k 1M 10M 100M 1G 0 5 10 15 20 25 Vcc=+5V SO8 Gain=+7.8 (Rfb=680 Ω/Rg=100Ω) Vin=64mVp-p Load=100 Ω Frequency (Hz) 100k 1M 10M 100M 1G 0 5 10 15 20 25 Vcc=+5V SO8 Gain=+10.1 (Rfb=910 Ω/Rg=100Ω) Vin=64mVp-p Load=100 Ω Frequency (Hz) 100k 1M 10M 100M 1G 5 10 15 20 25 30 Vcc=+5V SO8 Gain=+19.9 (Rfb=510 Ω/Rg=27Ω) Vin=64mVp-p Load=100 Ω Frequency (Hz) 100k 1M 10M 100M 1G -5 0 5 10 15 20 Vcc=+5V SO8 Gain= -5 (Rfb=270 Ω//1pF, Rg=43Ω) Vin=64mVp-p Load=100 Ω Frequency (Hz) 100k 1M 10M 100M 1G -5 0 5 10 15 20 Vcc=+5V SO8 Gain= -7.8 (Rfb=390 Ω//1pF, Rg=43Ω) Vin=64mVp-p Load=100 Ω Frequency (Hz) |