データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV5345 データシート(PDF) 13 Page - STMicroelectronics

部品番号 STV5345
部品情報  TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5345 データシート(HTML) 13 Page - STMicroelectronics

Back Button STV5345 Datasheet HTML 9Page - STMicroelectronics STV5345 Datasheet HTML 10Page - STMicroelectronics STV5345 Datasheet HTML 11Page - STMicroelectronics STV5345 Datasheet HTML 12Page - STMicroelectronics STV5345 Datasheet HTML 13Page - STMicroelectronics STV5345 Datasheet HTML 14Page - STMicroelectronics STV5345 Datasheet HTML 15Page - STMicroelectronics STV5345 Datasheet HTML 16Page - STMicroelectronics STV5345 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
APPLICATION NOTES
ORGANIZATION OF A PAGE-MEMORY
The organization of a page-memory is shown in
Figure 10.
The STV5345 chip provides a display format of 25
rows of 40 characters per row.
The organizationis as follows :
Row zero contains the page header.
The first seven characters (0 - 6) are used for
messages regarding the operational status.
The eighth character is an alphanumeric control
character either ”white” or ”green” defining the
”search” status of the page. When it is ”white” the
operational state is normal and the header appears
white ; when it is ”green” the operational state
corresponds to ”search mode” and the header
appears green. The following twenty-four charac-
ters give the header of the requested page when
the system is in search mode. The last eight char-
acters display the time of day.
Row number twenty-four is used by the microproc-
essor for the display of information.
Row twenty-five comprises ten bytes of control
data concerning the received page (see Table 1)
and fourteen free bytes which can be used by the
microprocessor.
1
724
8
10
14
this row always free for status
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
ROW
8 scrolling
time characters
24 characters from page header
rolling on page search
Fixed characters
Alphanumerics white
for normal,
green on searc h
7 Status
Characters
MAIN PAGE DISPLAY AREA
14 byte s free
for use by
µC
10 bytes for received
page information
PAGE MEMORY ORGANISATION
Figure 10
STV5345 - STV5345/H - STV5345/T
13/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25