| データシートサーチシステム |
|
STV5345T データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5345T データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 25 page ![]() GHOST ROW STORAGE ORGANIZATION Row Address of Stored Data Designation Code Row (Packet) Number Function 00 0 0 0 X / 26 Enhanced display facilities Page related data stored in chapter corresponding to level 1 data, i.e. For 0 goes in 4 ”1 ” ” 5 ”2 ” ” 6 ”3 ” ” 7 10 0 0 1 20 0 1 0 30 0 1 1 40 1 0 0 50 1 0 1 60 1 1 0 70 1 1 1 81 0 0 0 91 0 0 1 10 10 10 11 10 11 12 11 00 13 11 01 14 11 10 15 0 0 1 0 X / 28 Page related character set 16 00 00 X / 27 Linked pages 17 00 01 18 00 10 19 00 11 20 X / 24 Page extension 21 X / 25 Page extension 22 0 0 0 0 X / 28 Magazine related character set Stored in chapter 4 only 23 XXXX 8 / 30 Broadcasting service data packet 24 Not used 25 Not used D0 PU0 PT0 MU0 MT0 HU0 HT0 C7 C11 MAG0 0 D1 PU1 PT1 MU1 MT1 HU1 HT1 C8 C12 MAG1 0 D2 PU2 PT2 MU2 MT2 HU2 C5 C9 C13 MAG2 0 D3 PU3 PT3 MU3 C4 HU3 C6 C10 C14 0 0 D4 HAM HAM HAM HAM HAM HAM HAM HAM FOUND 0 D5 000000000 PBLF D6 0000000000 D7 0000000000 COLUMN 0123456789 Page number : - MAG = magazine, PU = page units, PT = page tens. Page sub-code : - MU = minutes units, MT = minutes tens, HU = hours units, HT = hours tens. PBLF = page being looked for, FOUND = low for page found, HAM = hamming error in byte, C4-14 = control bits. Table 1 : Row 25 received page control data format STV5345 - STV5345/H - STV5345/T 14/25 |