データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SVRSA2805DF/H+ データシート(PDF) 3 Page - VPT, Inc.

部品番号 SVRSA2805DF/H+
部品情報  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VPT [VPT, Inc.]
ホームページ  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRSA2805DF/H+ データシート(HTML) 3 Page - VPT, Inc.

  SVRSA2805DF/H+ Datasheet HTML 1Page - VPT, Inc. SVRSA2805DF/H+ Datasheet HTML 2Page - VPT, Inc. SVRSA2805DF/H+ Datasheet HTML 3Page - VPT, Inc. SVRSA2805DF/H+ Datasheet HTML 4Page - VPT, Inc. SVRSA2805DF/H+ Datasheet HTML 5Page - VPT, Inc. SVRSA2805DF/H+ Datasheet HTML 6Page - VPT, Inc. SVRSA2805DF/H+ Datasheet HTML 7Page - VPT, Inc. SVRSA2805DF/H+ Datasheet HTML 8Page - VPT, Inc. SVRSA2805DF/H+ Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRSA2800D – 5.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 3
SVRSA2800D Series
3.2 PERFORMANCE SPECIFICATIONS
Tcase = -55 °C to +125 °C, Vin = +28 V ± 5%, Full Load1, Unless Otherwise Specified
SVRSA2805D
SVRSA2812D
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
INPUT
Voltage
Continuous
18
28
407
18
28
407
V
Transient, 1 sec4
-
-
50
-
-
50
V
Current
INH < 1.5 V
-
4
6
-
4
6
mA
No Load
-
25
60
-
30
60
mA
Ripple Current
20 Hz to 10 MHz
-
25
60
-
25
50
mApp
Undervoltage Lockout
Turn-On
14
-
17.8
14
-
17.8
V
Turn-Off4
13
-
17.5
13
-
17.5
V
OUTPUT STATIC
Voltage
+Vout, Tcase = 25 °C
4.95
5
5.05
11.88
12
12.12
V
+Vout, Tcase = -55 °C to +125 °C
4.925
5
5.075
11.82
12
12.18
V
-Vout, Tcase = 25 °C
4.8
5
5.2
11.8
12
12.2
V
-Vout, Tcase = -55 °C to +125 °C
4.75
5
5.25
11.52
12
12.48
V
Power2
Total
0
-
5
0
-
6
W
Either Output
0
-
3.5
0
-
4.2
W
Current2
Total
0
-
1
0
-
0.5
A
Either Output
0
-
0.7
0
-
0.35
A
Ripple Voltage
20 Hz to 10 MHz
-
50
150
-
50
150
mVpp
Line Regulation
+Vout, VIN = 18 V to 40 V
-
0.1
10
-
0.3
10
mV
-Vout, VIN = 18 V to 40 V
-
1
200
-
2
200
mV
Load Regulation6
+Vout, No Load to Full Load
-
1
30
-
0.2
30
mV
-Vout, No Load to Full Load
-
10
200
-
3
200
mV
Cross Regulation, -Vout
+Vout: 70% load, -Vout: 30% load
-
150
450
-
200
550
mV
+Vout: 30% load, -Vout: 70% load
Load Fault Power Dissipation
Overload4
-
-
4
-
-
4
W
Short Circuit
-
-
4
-
-
3
W
OUTPUT DYNAMIC
Load Step, Half to Full Load, Either Output
Output Transient
-
30
100
-
50
150
mVpk
Recovery3
-
0
300
-
0
300
µs
Line Step4, Vin = 18V to 40 V
Output Transient
-
50
100
-
75
150
mVpk
Recovery3
-
0
300
-
0
300
µs
Turn-On, Vin = 0 to 28 V
Delay
-
10
20
-
10
20
ms
Overshoot
-
0
25
-
0
50
mVpk
FUNCTION
INH Pin Input4
Output Inhibited
0
-
1.5
0
-
1.5
V
INH Pin Open Circuit Voltage4
Output Enabled
9
12.5
14
9
12.5
14
V
GENERAL
Efficiency
66
76
-
72
81
-
%
Capacitive Load4
-
-
500
-
-
165
µF
Switching Frequency
350
450
500
350
450
500
kHz
Isolation
500 V DC, Tcase = 25 °C
100
-
-
100
-
-
MΩ
Weight
Non-flanged package option
-
-
24
-
-
24
g
Flanged package option
-
-
28
-
-
28
g
MTBF (MIL-HDBK-217F)
SF @ Tcase = 55 °C
-
2.82
-
-
2.82
-
MHr
POST-RAD END-OF-LIFE LIMITS5
Input Ripple Current
-
-
120
-
-
75
mA
Output Voltage
+Vout, Tcase = -55 °C to +125 °C
4.9
-
5.1
11.7
-
12.3
V
-Vout, Tcase = -55 °C to +125 °C
4.7
-
5.3
11.4
-
12.6
V
1. Half load at +Vout and half load at -Vout
2. Up to 70% of the total power or current can be drawn either of the two outputs
3. Time for output voltage to settle within 1% of steady-state value
4. Verified by initial electrical design verification. Post design verification,
parameter shall be guaranteed to the limits specified
5. End-of-Life performance includes aging and radiation degradation and is within
standard limits except where noted
6. 5% Load to Full Load at -55°C
7. 37.5 V Max continuous to be compliant to MIL-HDBK-1547 and Aerospace TOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com