| データシートサーチシステム |
|
P9225-R-EVK データシート(PDF) 21 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
P9225-R-EVK データシート(HTML) 21 Page - Integrated Device Technology |
|
21 / 34 page ![]() P9225-R Datasheet © 2018 Integrated Device Technology, Inc. 21 November 12, 2018 10. WPC Mode Characteristics Figure 19. State Diagram for WPC Baseline Power Profile (BPP) Operation Selection Ping Identification & Configuration Power Transfer No response or no power needed Object detected Power receiver present Error condition Power transfer complete or error condition START 10.1 Selection Phase or Startup In the selection phase, the power transmitter determines if it will proceed to the ping phase after detecting the placement of an object. In this phase, the power transmitter typically monitors the interface surface for the placement and removal of objects using a small measurement signal. This measurement signal should not wake up a power receiver that is positioned on the interface surface. |