データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT4530 データシート(PDF) 9 Page - Active-Semi, Inc

部品番号 ACT4530
部品情報  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4530 データシート(HTML) 9 Page - Active-Semi, Inc

Back Button ACT4530 Datasheet HTML 5Page - Active-Semi, Inc ACT4530 Datasheet HTML 6Page - Active-Semi, Inc ACT4530 Datasheet HTML 7Page - Active-Semi, Inc ACT4530 Datasheet HTML 8Page - Active-Semi, Inc ACT4530 Datasheet HTML 9Page - Active-Semi, Inc ACT4530 Datasheet HTML 10Page - Active-Semi, Inc ACT4530 Datasheet HTML 11Page - Active-Semi, Inc ACT4530 Datasheet HTML 12Page - Active-Semi, Inc ACT4530 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ACT4530
Rev 1.0, 19-Nov-2018
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2018 Active-Semi, Inc.
Current Sense Resistor
The traces leading to and from the sense resistor
can be significant error sources. With small value
sense resistors, trace resistance shared with the
load can cause significant errors. It is recommended
to connect the sense resistor pads directly to the
CSP and CSN pins using “Kelvin” or “4-wire”
connection techniques as shown below.
Current Limit Setting
If output current hits current limit, output voltage
drops to keep the current to a constant value.
The following equation calculates the constant
current limit.
Where Rcs is current sense resistor.
ACT4530
APPLICATIONS INFORMATION
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14