| データシートサーチシステム |
|
THCV236 データシート(PDF) 12 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
THCV236 データシート(HTML) 12 Page - California Eastern Labs |
|
12 / 68 page ![]() THCV235_THCV236_Rev.3.40_E Copyright©2016 THine Electronics, Inc. THine Electronics, Inc. 12/68 Security E Table 2. Pin Sharing Description (THCV236) Sub-Link State → Sub-Link Power Down Low Speed Data Bridge Mode 2-wire serial I/F Mode Sub-Link Master/Slave → - Master Slave Master 1 Master 2 Slave PDN1 0 1 1 1 1 1 HTPDN/SUBMODE * 1 1 0 0 0 LOCKN/MSSEL * 0 1 0 0 1 BET 0 0 0 0 0 0 RXDEFSEL * * * 1 0 * RF/BETOUT RF BETOUT(*2) COL0/INT/GPIO2 COL0 COL0 COL0 INT INT GPIO2(*4) COL1/SD0 COL1 SD0(input) SD0(output)(*6) SD0(SDA) SD0(SDA) SD0(SDA) OUTSEL/SD1 OUTSEL SD1(input) SD1(output)(*6) SD1(SCL) SD1(SCL) SD1(SCL) TTLDRV/SD2/AIN0/GPIO1 TTLDRV SD2(input) SD2(output)(*6) AIN0 AIN0 GPIO1(*4) LATEN/SD3/AIN1/GPIO0 -(*1) SD3(output)(*6) SD3(input) AIN1 AIN1 GPIO0(*4) LATEN(*3) D24/GPIO3 D24 D24 D24 D24 GPIO3(*5) D24 D25/GPIO4 D25 D25 D25 D25 GPIO4(*5) D25 HTPDN/SUBMODE HTPDN SUBMODE LOCKN/MSSEL LOCKN MSSEL MAINMODE/RCMN MAINMODE RCMN HFSEL/RCMP HFSEL RCMP *1 There is no function. LVCMOS IO has input state. Must be fixed at 0 or 1 input. *2 When Field BET mode (Main-Link or Sub-Link), it functions as BETOUT output. *3 When Field BET mode (Main-Link or Sub-Link), it functions as LATEN input. *4 Programmable GPIO input is default on register setting. *5 Through GPIO input is default on register setting. *6 Low Speed Data Bridge Mode output is LVCMOS push pull buffer. |