データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

THEVAL3512 データシート(PDF) 7 Page - California Eastern Labs

部品番号 THEVAL3512
部品情報  24-channel LED Driver with LVDS Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

THEVAL3512 データシート(HTML) 7 Page - California Eastern Labs

  THEVAL3512 Datasheet HTML 1Page - California Eastern Labs THEVAL3512 Datasheet HTML 2Page - California Eastern Labs THEVAL3512 Datasheet HTML 3Page - California Eastern Labs THEVAL3512 Datasheet HTML 4Page - California Eastern Labs THEVAL3512 Datasheet HTML 5Page - California Eastern Labs THEVAL3512 Datasheet HTML 6Page - California Eastern Labs THEVAL3512 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Security E
THAN0164_Rev.2.00_E
THine Electronics, Inc.
6/6
Copyright(C)2015 THine Electronics, Inc.
Notices and Requests
1. The product specifications described in this material are subject to change without prior
notice.
2. The circuit diagrams described in this material are examples of the application which may not
always apply to the customer’s design. We are not responsible for possible errors and
omissions in this material. Please note if errors or omissions should be found in this material,
we may not be able to correct them immediately.
3. This material contains our copyright, know-how or other proprietary. Copying or disclosing
to third parties the contents of this material without our prior permission is prohibited.
4. Note that if infringement of any third party's industrial ownership should occur by using this
product, we will be exempted from the responsibility unless it directly relates to the
production process or functions of the product.
5. This product is presumed to be used for general electric equipment, not for the applications
which require very high reliability (including medical equipment directly concerning people's
life, aerospace equipment, or nuclear control equipment). Also, when using this product for
the equipment concerned with the control and safety of the transportation means, the traffic
signal equipment, or various Types of safety equipment, please do it after applying
appropriate measures to the product.
6. Despite our utmost efforts to improve the quality and reliability of the product, faults will
occur with a certain small probability, which is inevitable to a semi-conductor product.
Therefore, you are encouraged to have sufficiently redundant or error preventive design
applied to the use of the product so as not to have our product cause any social or public
damage.
7. Please note that this product is not designed to be radiation-proof.
8. Customers are asked, if required, to judge by themselves if this product falls under the
category of strategic goods under the Foreign Exchange and Foreign Trade Control Law.
9.
The product or peripheral parts may be damaged by a surge in voltage over the absolute maximum ratings
or malfunction, if pins of the product are shorted by such as foreign substance. The damages may cause a
smoking and ignition. Therefore, you are encouraged to implement safety measures by adding protection
devices, such as fuses.
THine Electronics, Inc.
sales@thine.co.jp



Html Pages

1 2 3 4 5 6 7