| データシートサーチシステム |
|
AM186EM-20VC/W データシート(PDF) 3 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM186EM-20VC/W データシート(HTML) 3 Page - Advanced Micro Devices |
|
3 / 98 page ![]() Am186/188EM and Am186/188EMLV Microcontrollers 3 P R E L IMINAR Y Am188EM MICROCONTROLLER BLOCK DIAGRAM Note: * All PIO signals are shared with other physical pins. See the pin descriptions beginning on page 25 and Table 2 on page 30 for information on shared functions. 20-Bit Source Pointers S2–S0 Interrupt Control Unit Timer Control Unit DMA Unit Bus Interface Unit Execution Unit Chip-Select Unit Clock and Power Management Unit Control Registers 16-Bit Count Registers Max Count A Registers 16-Bit Count Registers 20-Bit Destination Pointers Control Registers Control Registers Control Registers 01 (WDT) 2 0 1 Max Count B Registers Refresh Control Unit Control Registers Control Registers Control Registers CLKOUTB CLKOUTA INT4 INT3/INTA1/IRQ INT2/INTA0 INT1/SELECT INT0 TMROUT0 TMROUT1 DRQ0 DRQ1 VCC GND TMRIN0 TMRIN1 ARDY SRDY DT/R DEN HOLD HLDA Asynchronous Serial Port Synchronous Serial Interface TXD RXD SCLK SDATA SDEN0 SDEN1 NMI S6/ A19–A0 AD7–AD0 ALE WR WB RD RES LCS/ONCE0 MCS2–MCS0 PCS6/A2 PCS3–PCS0 PCS5/A1 UCS/ONCE1 X2 X1 UZI Control Registers PSRAM Control Unit MCS3/RFSH PIO Unit PIO31– PIO0* AO15–AO8 RFSH2/ADEN CLKDIV2 |