| データシートサーチシステム |
|
ADL8111ACCZN-R7 データシート(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADL8111ACCZN-R7 データシート(HTML) 22 Page - Analog Devices |
|
22 / 24 page ![]() ADL8111 Data Sheet Rev. 0 | Page 22 of 24 EVALUATION PCB The ADL8111-EVALZ is the evaluation board for the ADL8111 with fully populated components as shown in Figure 83 and its schematic shown in Figure 84. The board is fabricated with four layers using Rogers 4350. Signal lines have characteristic impedance of 50 Ω. Package ground leads and the exposed paddle are soldered to the ground plane. Adequate amounts of via holes connect the top and bottom ground planes. The evaluation board is available from Analog Devices, Inc., upon request. Gerber files can be found on the ADL8111 product webpage. VDD_PA GND GND J8 J2 J10 VDD_PA J7 J1 J9 VB VSS_SW VDD_SW VA Figure 83. ADL8111-EVALZ Evaluation Board PCB |