| データシートサーチシステム |
|
SC1189SWTR データシート(PDF) 13 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1189SWTR データシート(HTML) 13 Page - Semtech Corporation |
|
13 / 16 page ![]() 13 2004 Semtech Corp. www.semtech.com POWER MANAGEMENT SC1189 PIN Descriptions Typical Characteristics Typical Efficiency (Switching section) Typical Ripple, Vo=1.75V, Io=10A 2.5V Linear Short circuit output response Transient Response Vo=1.75V, Io=0A to 28A Vo=1.25V 1.50V 1.75V 70% 80% 90% 100% 0 5 10 15 20 25 30 Output Current (A) |