データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N918 データシート(PDF) 2 Page - Silicon Supplies

部品番号 2N918
部品情報  NPN Transistor Bare Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SS [Silicon Supplies]
ホームページ  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2N918 データシート(HTML) 2 Page - Silicon Supplies

  2N918 Datasheet HTML 1Page - Silicon Supplies 2N918 Datasheet HTML 2Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2 
www.siliconsupplies.com
 
 
NPN Transistor Bare Die ‐ 2N918 
 
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
Rev 1.0
07/07/17
 
 
 
 
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
3
V
Collector Current
IC
50
mA
Junction & Storage Temperature
TJ, Tstg
-55 to 150
°C
 
 
 
 
 
 
 
 
 
 
 
 
 
 
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 1µA, IE = 0
30
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 3mA, IB = 0
15
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = 10µA, IC = 0
3
-
-
V
VCB = 15V, IE = 0
-
-
10
nA
Collector Cut-off Current
ICBO
VCB = 15V, IE = 0, TA = 150°C
1
-
-
1
µA
ON CHARACTERISTICS
Forward-Current Transfer Ratio
hFE
VCE = 1V, IC = 3mA
20
-
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 10mA, IB = 1mA
-
-
0.4
V
Base-Emitter Saturation Voltage
VBE(sat)
IC = 10mA, IB = 1mA
-
-
1
V
SMALL-SIGNAL CHARACTERISTICS
1
Current-Gain Bandwidth Product
fT
IC = 4mA, VCE = 10V,
f = 100MHz
600
-
-
MHz
VCB = 10V, IE = 0, f = 140 kHz
-
-
1.7
Output Capacitance
Cobo
VEB = 0V, IE = 0, f = 140 kHz
-
-
3
Input Capacitance
Cibo
VEB = 0.5V, IC = 0, f = 140 kHz
-
-
2
pF
Noise Figure
NF
IC = 1mA, VCE = 6V, RG = 400Ω,
f = 60 MHz
-
-
6
dB
FUNCTIONAL TEST
1
Amplifier Power Gain
Gpe
VCB = 12V, IC = 6mA,
f = 200 MHz
15
-
-
dB
Power Output
Po
VCB = 15V, IC = 8mA,
f = 500 MHz
30
-
-
mW
Collector Efficiency
η
VCB = 15V, IC = 8mA,
f = 500 MHz
25
-
-
%
Electrical Characteristics T
A = 25°C unless otherwise stated
 
 
Note 1: Not production testing in die form, characterized by chip design and tested in package.
 
 
 
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With
respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon
Supplies Ltd hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or
system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human
body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other
persons may be endangered.
 



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com